Part Number Hot Search : 
2030C SF1001G ZM4755 RP200 2SB17331 CR8PM KMOC30 1N5234
Product Description
Full Text Search
 

To Download B72500DXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
CeraDiode SMD type, case size 0603
Data sheet
CDS3 Series B72500D***
CeraDiode Reliable ESD protection of single lines
Description
Due to the ongoing miniaturization, today's electronic devices are more and more sensitive to electrostatic discharges (ESD) and overvoltages. Therefore reliable protection components become absolutely necessary to harden your valuable electronics against the impact of ESD. CeraDiodes are ceramic semiconductors optimized specifically for high performance in Electro Static Discharge (ESD) applications. The device has a non-linear voltage/current characteristic that is highly optimized for effectively suppressing extremely fast voltage transients. The device offers superior parametric stability over the complete operating range of -40 C to +85 C. CeraDiodes are bi-directional devices. A single CeraDiode connected from signal/dataline to ground routes both positive and negative ESD transitions safely to the ground plane. This technique eliminates the need to route ESD charge into the power plane, possibility damaging nearby integrated circuits.
Features
ESD protection according to IEC 61000-4-2 (Level 4) Endurance specification up to 3000 ESD pulses (IEC 61000-4-2 Level 4) Suitable for uni- and bidirectional lines Bidirectional ESD protection in a two-pin device Routes all ESD events, both positive and negative, safely to ground Suitable for DC working voltages up to 22 V No derating of maximum ratings up to 85 C Surface mount package in 0603 case size Extremely fast response time < 0.5 ns Lead free nickel barrier terminations
Application
Desktop and notebook computers Peripherals Portable handheld products (e.g. PDA) Mobile communication Consumer products (set top box, MP3 player, digital cameras,...) Liquid crystal displays (LCD) / monitors
ISSUE DATE
07.10.2004
ISSUE
g
PUBLISHER
KB VS PE
PAGE
1/8
www..com
CeraDiode SMD type, case size 0603
Data sheet
CDS3 Series B72500D***
Application example
I/O ESD sensitive device CDS
Ground
Protection of I/O Lines with discrete CeraDiodes
Maximum ratings (TA = 85 C)
Rating Max. DC working voltage Symb. VDC Value CDS3C05GTA: CDS3C09GTA: CDS3C15GTA: CDS3C20GTA: 30 CDS3C05GTA: CDS3C09GTA: CDS3C15GTA: CDS3C20GTA: 15 8 -40 to +85 -40 to +125 1000 1600 2000 2200 5.6 9.0 16.0 22.0 Unit V
Peak current @ 8/ 20 s Peak pulse power @ 8/ 20 s
Ipeak PPP
A W
Air discharge ESD capability (according to IEC 61000-4-2 method) Contact discharge ESD capability (according to IEC 61000-4-2 method) Operating temperature (without derating) Storage temperature
VESD VESD Tj Tstg
kV kV C C
ISSUE DATE
07.10.2004
ISSUE
g
PUBLISHER
KB VS PE
PAGE
2/8
www..com
CeraDiode SMD type, case size 0603
Data sheet
CDS3 Series B72500D***
Characteristics (TA = 25 C)
CDS3C05GTA
Parameter Breakdown voltage Leakage current Capacitance
*)
Symb. VBR IL VCL C
Conditions IBR = 1 mA VL = 3.3 V Ipeak = 1 A, 8/20 s V = 1 V, f = 1 MHz
Minimum 6.4 -
Typical 470
Maximum 10 19 -
Unit V A V pF
Clamping voltage
CDS3C09GTA
Parameter Breakdown voltage Leakage current Capacitance
*)
Symb. VBR IL VCL C
Conditions IBR = 1 mA VL = 5.6 V Ipeak = 1 A, 8/20 s V = 1 V, f = 1 MHz
Minimum 10 -
Typical 220
Maximum 10 30 -
Unit V A V pF
Clamping voltage
CDS3C15GTA
Parameter Breakdown voltage Leakage current Capacitance
*)
Symb. VBR IL VCL C
Conditions IBR = 1 mA VL = 9 V Ipeak = 1 A, 8/20 s V = 1 V, f = 1 MHz
Minimum 22 -
Typical 160
Maximum 10 42 -
Unit V A V pF
Clamping voltage
CDS3C20GTA
Parameter Breakdown Voltage Leakage Current Capacitance
*)
Symb. VBR IL VCL C
Conditions IBR = 1 mA VL = 12 V Ipeak = 1 A, 8/20 s V = 1 V, f = 1 MHz
Minimum 25 -
Typical 56
Maximum 10 50 -
Unit V A V pF
*)
Clamping Voltage
Any lower operating voltage than VL results in a lower leakage current
ISSUE DATE
07.10.2004
ISSUE
g
PUBLISHER
KB VS PE
PAGE
3/8
www..com
CeraDiode SMD type, case size 0603
Data sheet
CDS3 Series B72500D***
Typical characteristics
Max. current, energy and average power dissipation depending on ambient temperature
% 100 90 80 70 60 50 40 30 20 10 0 -55
70
80
90 100 110 120 Ambient temperature
130
140
150 C
ISSUE DATE
07.10.2004
ISSUE
g
PUBLISHER
KB VS PE
PAGE
4/8
www..com
CeraDiode SMD type, case size 0603
Data sheet
CDS3 Series B72500D***
Dimensional drawing
l
Symb.
Min. 1.45 0.7 0.7 0.1
Max. 1.75 0.9 0.9 0.4
Unit mm mm mm mm
b
l b s k
s k
Recommended solder pads
B C B
Symb. Dim. 1.0 1.0 1.0 3.0 Unit mm mm mm mm
A
A
A B C D
D
ISSUE DATE
07.10.2004
ISSUE
g
PUBLISHER
KB VS PE
PAGE
5/8
www..com
CeraDiode SMD type, case size 0603
Data sheet
CDS3 Series B72500D***
Recommended soldering profiles
Wave soldering Reflow soldering
As far as possible, the components shall be employed within 12 months. They should be left in their original packings to avoid soldering problems due to oxidized contacts. Storage temperature: -25 to 45 C. Relative humidity: <75 % annual average, <95 % on max. 30 days in a year. The usage of mild, non activated fluxes for soldering is recommended, as well as proper cleaning of the PCB.
Reel dimensions
Definition
Direction of unreeling
Symb. A W1 W2
Dim. 180 8.4 14.4
Tol. +0 /-3 +1.5/-0 max.
Unit mm mm mm
Reel diameter Reel width (inside) Reel width (outside)
W1 W2 130,2
_0 o60 +2
KKE0058-I-E
Package: 8 mm tape Reel material: plastic
ISSUE DATE
07.10.2004
A
ISSUE
g
PUBLISHER
KB VS PE
PAGE
6/8
www..com
CeraDiode SMD type, case size 0603
Data sheet
CDS3 Series B72500D***
Taping according to IEC 60286-3
T
D 0
P 2
P 0
Tape end (trailer)
E
W
40 min. empty cavities Leader
B 0
G
F
T 1 T 2
T
1
A 0 P 1 Direction of unreeling
25 min. empty cavities
300 mm cover tape
Tape material: cardboard Dimensions and tolerances
Definition Compartment width Compartment length Sprocket hole diameter Sprocket hole pitch Distance center hole to center compartment Pitch of the component compartments Tape width Distance edge to center of hole Distance center hole to center compartment Distance compartment to edge Thickness of cardboard tape Overall thickness
1)
Symbol Dim. A0 B0 D0 P0 P2 P1 W E F G T T2 0.95 1.8 1.5 4.0 2.0 4.0 8.0 1.75 3.5 0.75 0.9 1.1
Tolerance 0.2 0.2 +0.1/-0 0.1 1) 0.05 0.1 0.3 0.1 0.05 min. max. max.
0.2 mm over any 10 pitches
ISSUE DATE
07.10.2004
ISSUE
g
PUBLISHER
KB VS PE
PAGE
7/8
www..com
CeraDiode SMD type, case size 0603
Data sheet
CDS3 Series B72500D***
Type designation
CD S 3 C 05 G T A
Cera Diode
Single type
Chip size 3 = 0603
Chip
DC working voltage
Reel size G = 180 mm
Termination T = Nickel barrier
Suffi x
Selection Guide
Part number Ordering code Standard DC working voltage (10 A max.) 3.3 V 5.6 V 9.0 V 12.0 V Maximum DC working voltage 5.6 V 9.0 V 16.0 V 22.0 V Qty per reel Reel size
CDS3C05GTA CDS3C09GTA CDS3C15GTA CDS3C20GTA
B72500D0050A060 B72500D0090A060 B72500D0150A060 B72500D0200A060
4000 4000 4000 4000
180 mm 180 mm 180 mm 180 mm
CeraDiodes are not suitable for switching applications or for voltage stabilization, where static power dissipation is required. CeraDiodes are designed for ESD protection and transient suppression!
EPCOS AG 2004. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
ISSUE DATE
07.10.2004
ISSUE
g
PUBLISHER
KB VS PE
PAGE
8/8


▲Up To Search▲   

 
Price & Availability of B72500DXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X